Part Number Hot Search : 
N4468 H8250 BD6974FV FST6330M 9LSDIT1 MBZ52 14S431K 2SD1978
Product Description
Full Text Search
 

To Download EAUSBSTICK-FONT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dogm graphic series 132x32 dots 6.2009 zeppelinstrasse 19 d-82205 gilching phone +49-(0)8105-778090 fax: +49-(0)8105-778099 www.lcd-module.de info@lcd-modul e.de technical data * high-contrast lcd supertwist display (stn and fstn) with 15m dot gap * optional led backlights in various colors * 132x32 pixels (corresponds to 4x22 characters or 2x16 large characters) * st 7565r controller with spi (4-wire) interface * power supply: single supply 2.4..3.3v (typically 140a) * no additional voltages required * operating temperature range -20c to +70c (storage -30c to +80c) * led backlighting 5..45ma * no mounting required: simply solder onto pcb ordering code graphics display, 132x32, 55x31mm ea dogm132x-5 x: w = white background (fstn pos. transflective) e = yellow/green background (stn pos. transmissive) b = blue background (stn neg. transmissive) s = black background (fstn neg. transmissive) l = yellow/green background (stn pos. reflective, cannot be backlit) led backlight, white ea led55x31-w led backlight, yellow/green ea led55x31-g led backlight, blue ea led55x31-b led backlight, red ea led55x31-r led backlight, amber ea led55x31-a led backlight, full color rgb ea led55x31-rgb accessories usb test board for pc (windows) ea 9780-1usb socket connector 4.8 mm height (2 pcs. required) ea fl-20p disk with 10 character sets e.g. 6x8, 8x8, 8x16, cyrillic ea usbstick-font flexible display content ! ea dogm132w-6 + ea led55x31-w ea dogm132b-5 + ea led55x31-w ea dogm132w-5 + ea led55x31-a
ea dogm132-5 page 2 electronic assembly reserves the right to change specifications without prior notice. printing and typographical errors reserved. ea dogm132 the ea dogm132, a 132x32-pixel graphics display, is a new addition to electronic assembly?s ea dogm series. it, too, has pins that allow it to be mounted quickly and easily. 6 different optional led backlights are available. these can be combined with 5 different display technologies, making it possible to have up to around 20 different designs. designed for compact, handheld devices, this modern lcd series offers a number of benefits with and without backlighting: * extremely compact (55x31 mm) with a large viewing area of 51x15 mm * super-flat: 2.0 mm without backlight module, and only 5.8 mm with a b./l. module mounted * serial spi interface (4-wire) * single supply +2.4 v or +3.3 v * typical power consumption of only 140a in full operation (white led backlight from 5ma) * easily mounted by soldering * wide range of design variants orderable as single units * backlighting color changes possible contrast adjustment the contrast can be set by means of a command for all the displays in the ea dogm series. the contrast setting of the display must be set once by the software, and is then kept constant throughout the entire operating temperature range (-20..+70c), thanks to the integrated temperature compensation. led backlight 6 different variants are available for individual backlighting: white, yellow/green, blue, red, amber and a full-color version. there are 2 separate led paths available for each monochrome backlight that can be switched in parallel or in series to suit the system voltage. this means that most backlights can be run at either 3.3 v or 5 v. to operate the backlight, we recommend a current source (e.g. cat4238td) or an external series resistor to limit the current. this can be calculated from r=u/i; you can find the values in the table on the right. to prolong the life of the backlights, we recommend that you use a current source. the operating life of the yellow/green, red and amber backlights is 100,000 hours. the life of the white and blue backlights is considerably shorter. we recommend that you dim these or switch them off whenever possible. important: never connect the backlight leds directly to a 5 v/ 3.3 v supply as this will immediately destroy the leds. always use a current source. please note that derating applies at temperatures exceeding +25c. assembling first, clip the display and backlight modules together by gently pushing the display pins through the corresponding holes on the backlight module. then insert the entire module into the socket, or into the soldering holes on the pcb. the backlight pins (the 2 rows with 3 pins at the bottom) must be soldered on the top side as well to ensure good contact between the modules. important: the display has a protective film on the top and/or the bottom, and there is also one on the backlight. these must be removed. make sure that neither display nor backlight will never come into contact with any kind of liquid like fluxer, cleaner, w ater. yellow/green ea led55x31-g forwar voltage current max. limiting resistor @ 3,3 v @ 5 v connected in parallel 2,2 v 80 ma 14 ohm 35 ohm connected in series 4,4 v 40 ma - 15 ohm white ea led55x31-w forwar voltage current max. limiting resistor @ 3,3 v @ 5 v connected in parallel 3,2 v 60 ma 1,6 ohm 30 ohm connected in series 6,4 v 30 ma - - blue ea led55x31-b forwar voltage current max. limiting resistor @ 3,3 v @ 5 v connected in parallel 3,2 v 60 ma 1,6 ohm 30 ohm connected in series 6,4 v 30 ma - - amber ea led55x31-a forwar voltage current max. limiting resistor @ 3,3 v @ 5 v connected in parallel 2,4 v 80 ma 11 ohm 32 ohm connected in series 4,8 v 40 ma - 5 ohm red ea led55x31-r forwar voltage current max. limiting resistor @ 3,3 v @ 5 v connected in parallel 2,1 v 80 ma 15 ohm 36 ohm connected in series 4,2 v 40 ma - 20 ohm full color ea led55x31-rgb forwar voltage current max. limiting resistor @3,3 v @ 5 v connected in parallel 4 v 125 ma - 3x24 ohm
ea dogm132-5 page 3 electronic assembly reserves the right to change specifications without prior notice. printing and typographical errors reserved. ea led55x31-w white ea led55x31-g yellow/green ea led55x31-b blue ea led55x31-a amber ea led55x31-r red ea led55x31-rgb full color display technology optional backlight readability display color non backlighted display color with backlight required backlight ea dogm132w fstn pos. transflective usage is possible with and without backlight module even without backlight readable black on white black on backlight color white, blue, amber, rgb ea dogm132e stn pos. yellow/green transmissive backlight module is necessary even without backlight readable dark green on yellow/green black on yellow/green yellow/green ea dogm132b stn neg. blue transmissive backlight module is necessary --- --- backlight color on blue~black background white, yellow/green ea dogm132s fstn neg. transmissive backlight module is necessary --- --- backlight color on black background white, amber, rgb ea dogm132l stn pos. yellow/green reflective no backlight possible good at "normal" ambient brightness dark green on yellow/green --- --- 5 di fferent technologies see below for an overview of available technologies, combinations with available backlights and their usability: 6 and more different backlights 6 and more different backlight colors are available to match equipments design as much as possible. the most ef fective and brightest one is the white one ea led55x31-w. if you see black and white pictures on this page but you want to see the colors of the displays, you can download a full-colored version of this document at http://www .lcd-module.de/eng/pdf/grafik/dogm132-5e.pdf
ea dogm132-5 page 4 electronic assembly reserves the right to change specifications without prior notice. printing and typographical errors reserved. application examples low voltage if an external source of +9..+12v (does not have to be stabilized) is available, the charge pump is not needed and less external components are required. supply and logic voltage may be 1.8..3.3v low power +3.0v or +3.3v (single supply) operation requires 8 external capacitors. current consumption typ. 110ua wide range the operation on +2.4..+3.3v (single supply) requires 9 external capacitors. current consumption is typ. 150ua.
ea dogm132-5 page 5 electronic assembly reserves the right to change specifications without prior notice. printing and typographical errors reserved. data transfer data transfer is unidirectional. that means that data can only be written; it cannot be read again. in contrast to other displays, a busy query is not necessary with this display. the clock-pulse rate of the scl line can be up to 20 mhz @3.3v, depending on the supply voltage. you will find more detailed information on timing on pages 64 and 65 of the data sheet of the st7565r controller, which you will find on our website at http://www .lcd-module.de/eng/pdf/zubehoer/st7565r .pdf table of programming commands
ea dogm132-5 page 6 electronic assembly reserves the right to change specifications without prior notice. printing and typographical errors reserved. *) make sure that for 6:00 viewing direction adc has to be set to ?reverse? (mirrored layout) ! *) make sure that for 6:00 viewing direction adc has to be set to ?reverse? (mirrored layout) ! initialisation example using the internal voltage converter (single supply +2.4v ..+3.3v). applications ?low power? and ?wide range? initialisation example using an external power supply for contrast (dual power supply). application ?low voltage? orientation for 6 o`clock (bottom view) initialisation example for single s upply (bottom view) command a0 d7 d6 d5 d4 d3 d2 d1 d0 hex remark (2) display start line set 0 0 1 0 0 0 0 0 0 $40 display start line 0 (8) adc set 0 1 0 1 0 0 0 0 1 $a1 adc reverse *) (15) common output mode select 0 1 1 0 0 0 0 0 0 $c0 normal com0~com31 (9) display normal/reverse 0 1 0 1 0 0 1 1 0 $a6 display normal (11) lcd bias set 0 1 0 1 0 0 0 1 0 $a2 set bias 1/9 (duty 1/33) (16) power control set 0 0 0 1 0 1 1 1 1 $2f booster, regulator and follower on (20) booster ratio set 0 1 1 1 1 1 0 0 0 $f8 set internal booster to 3x / 4x 0 0 0 0 0 0 0 0 $00 (17) v0 voltage regulator set 0 0 0 1 0 0 0 1 1 $23 contrast set (18) electronic volume mode set 0 1 0 0 0 0 0 0 1 $81 0 0 0 1 1 1 1 1 $1f (19) static indicator set 0 1 0 1 0 1 1 0 0 $ac no indicator 0 0 0 0 0 0 0 0 $00 (1) display on/off 0 1 0 1 0 1 1 1 1 $af display on initialisation example for dual power s upply (bottom view) command a0 d7 d6 d5 d4 d3 d2 d1 d0 hex remark (2) display start line set 0 0 1 0 0 0 0 0 0 $40 display start line 0 (8) adc set 0 1 0 1 0 0 0 0 1 $a1 adc reverse *) (15) common output mode select 0 1 1 0 0 0 0 0 0 $c0 normal com0~com31 (9) display normal/reverse 0 1 0 1 0 0 1 1 0 $a6 display normal (11) lcd bias set 0 1 0 1 0 0 0 1 0 $a2 set bias 1/9 (duty 1/33) (16) power control set 0 0 0 1 0 1 0 1 1 $2b booster off, regulator, follower on (17) v0 voltage regulator set 0 0 0 1 0 0 0 1 1 $23 contrast set (18) electronic volume mode set 0 1 0 0 0 0 0 0 1 $81 0 0 0 1 1 1 1 1 $1f (19) static indicator set 0 1 0 1 0 1 1 0 0 $ac no indicator 0 0 0 0 0 0 0 0 $00 (1) display on/off 0 1 0 1 0 1 1 1 1 $af display on
ea dogm132-5 page 7 electronic assembly reserves the right to change specifications without prior notice. printing and typographical errors reserved. 12:00 viewing angle, top view option if the display is read mostly from above (on the front of a laboratory power supply unit, for example), the preferred angle of viewing can be set to 12 o?clock. this rotaties the display by 180. a slightly different initialization setup is required for this. also keep in mind that the leftmost column (normally numbered as 0) will now change to 4. usb-test board ea 9780-1usb for easy startup, a usb test board is available that can be connected to a pc. a usb cable and windows software is supplied with the product. this allows text and images (bmp) to displayed directly on the connected display. you will find more information on the test board in the ea 9780-1usb data sheet. simulation with windows a simulator window also displays the contents of the display. the software can simulate all the displays and colors even without the hardware. you can download the software free from our website: http://www .lcd-module.de/deu/disk/startdog.zip initialisation example top view command a0 d7 d6 d5 d4 d3 d2 d1 d0 hex remark (8) adc set 0 1 0 1 0 0 0 0 0 $a0 adc normal (15) common output mode select 0 1 1 0 0 1 0 0 0 $c8 reverse com31~com0 orientation for 12 o`clock (top view)
ea dogm132-5 page 8 electronic assembly reserves the right to change specifications without prior notice. printing and typographical errors reserved. zeppelinstrasse 19 d-82205 gilching phone +49-(0)8105-778090 fax: +49-(0)8105-778099 www.lcd-module.de info@lcd-modul e.de dimensions ea dogm132 note: the 4 led pins a1/a2 and c1/c2 also have to be soldered from above to ensure good contact. note: - lc displays are generally not suited for wave or reflow soldering. temperatures of over 80c can cause lasting damage. - the surfaces of the displays and backlights are protected from scratching by self-adhesive protective foils. please remove these before mounting. - make sure that either display nor backlight will never come into contact with any kind of liquid like fluxer, cleaner, water. dimensions ea led55x31 attention handling precautions! all dimensions are in mm all dimensions are in mm attention handling precautions! pin symbol level function pin symbol level function 1 nc (a1+: led backlight) 21 v0 - lc drive 2 nc (c1-: led backlight) 22 v1 - lc drive 3 23 v2 - lc drive 4 24 v3 - lc drive 5 25 v4 - lc drive 6 26 vss l power supply 0v (gnd) 7 27 cap2n - voltage converter 8 28 cap2p - voltage converter 9 29 cap1p - voltage converter 10 30 cap1n - voltage converter 11 31 cap3p - voltage converter 12 32 vout - voltage output +9..12v 13 33 vss l power supply 0v (gnd) 14 34 vdd2 h power supply booster 15 35 vdd h power supply +1,8..3,3v 16 36 si h / l serial data in 17 37 scl h / l serial clock 18 38 a0 h / l l= command, h= data 19 nc (c2-: led backlight) 39 rst l reset (active low) 20 nc (a2+: led backlight) 40 cs1b l chip select (active low)


▲Up To Search▲   

 
Price & Availability of EAUSBSTICK-FONT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X